Part Number Hot Search : 
FQB7P06 LL414 MC33182D MC100LV 1236A SP06B HD74LS32 3314H
Product Description
Full Text Search
 

To Download BC327-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc327 ... bc328 bc327 ... bc328 general purpose pnp transistors universal-pnp-transistoren i c = -800 ma h fe ~ 160/250/400 t jmax = 150c v ceo = -25 ... -45 v p tot = 625 mw version 2018-02-02 to-92 (10d3) (1) (2) dimensions - ma?e [mm] typical applications signal processing, switching, amplification commercial grade 1 ) typische anwendungen signalverarbeitung, schalten, verst?rken standardausfhrung 1 ) features general purpose three current gain groups compliant to rohs, reach, conflict minerals 1 ) besonderheiten universell anwendbar drei stromverst?rkungsklassen konform zu rohs, reach, konfliktmineralien 1 ) mechanical data 1 ) mechanische daten 1 ) (1) taped in ammo pack (raster 2.54) (2) on request: in bulk (raster 1.27, suffix bk) 4000 5000 (1) gegurtet in ammo-pack (raster 2.54) (2) auf anfrage: schttgut (raster 1.27, suffix bk) weight approx. 0.18 g gewicht ca. case material ul 94v-0 geh?usematerial solder & assembly conditions 260c/10s l?t- und einbaubedingungen msl n/a current gain groups stromverst?rkungsgruppen recommended complementary npn transistors empfohlene komplement?re npn-transistoren BC327-16 bc327-25 bc327-40 bc328-16 bc328-25 bc328-40 bc337 ... bc338 maximum ratings 2 ) grenzwerte 2 ) bc327 bc328 collector-emitter-volt. C kollektor-emitter-spannung e-b short - v ces 50 v 30 v collector-emitter-volt. C kollektor-emitter-spannung b open - v ceo 45 v 25 v emitter-base-voltage C emitter-basis-spannung c open - v ebo 5 v power dissipation C verlustleistung p tot 625 mw 3 ) collector current C kollektorstrom dc - i c 800 ma peak collector current C kollektor-spitzenstrom - i cm 1 a base current C basisstrom - i b 100 ma junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -55...+150c -55+150c 1 please note the detailed information on our website or at the beginning of the data book bitte beachten sie die detaillierten hinweise auf unserer internetseite bzw. am anfang des datenbuches 2 t a = 25c, unless otherwise specified C t a = 25c, wenn nicht anders angegeben 3 valid, if leads are kept at ambient temperature at a distance of 2 mm from case gltig wenn die anschlussdr?hte in 2 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 1 6 1 8 9 2 x 2.54 c b e 2 x 1.27 c b e 4.6 0.1 4 . 6 0 . 1 m i n 1 2 . 5 pb e l v w e e e r o h s
bc327 ... bc328 characteristics kennwerte t j = 25c min. typ. max. dc current gain C kollektor-basis-stromverh?ltnis 1 ) - v ce = 1 v - i c = 100 ma group -16 group -25 group -40 h fe 100 160 250 160 250 400 250 400 630 - i c = 300 ma group -16 group -25 group -40 h fe 60 100 170 130 200 320 C C C collector-emitter saturation voltage C kollektor-emitter-s?ttigungsspg. 1 ) - i c = 500 ma - i b = 50 ma - v cesat C C 0.7 v base-emitter-voltage C basis-emitter-spannung 1 ) - v ce = 1 v - i c = 300 ma - v be C C 1.2 v collector-emitter cutoff current C kollektor-emitter-reststrom - v ce = 45 v - v ce = 25 v b-e short bc327 bc328 - i ces C 2 na 100 na - v ce = 45 v - v ce = 25 v b-e short t j = 125c bc327 bc328 - i ces C C 10 a gain-bandwidth product C transitfrequenz - v ce = 5 v, - i c = 10 ma, f = 50 mhz f t C 100 mhz C collector-base capacitance C kollektor-basis-kapazit?t - v cb = 10 v, i e =i e = 0, f = 1 mhz c cbo C 12 pf C thermal resistance junction to ambient w?rmewiderstand sperrschicht C umgebung r tha < 200 k/w 2 ) disclaimer: see data book page 2 or website haftungssauschluss: siehe datenbuch seite 2 oder internet 1 tested with pulses t p = 300 s, duty cycle 2% C gemessen mit impulsen t p = 300 s, schaltverh?ltnis 2% 2 valid, if leads are kept at ambient temperature at a distance of 2 mm from case gltig wenn die anschlussdr?hte in 2 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag


▲Up To Search▲   

 
Price & Availability of BC327-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X